전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2530-0000-000N00T435F 데이터시트(PDF) 9 Page - Cree, Inc

부품명 CXA2530-0000-000N00T435F
상세설명  Cree짰 XLamp짰 CXA2530 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00T435F 데이터시트(HTML) 9 Page - Cree, Inc

Back Button CXA2530-0000-000N00T435F Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 9Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 10Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 11Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 12Page - Cree, Inc CXA2530-0000-000N00T435F Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
9
XLamp CXa2530 LED
tyPical sPatial distribution
Performance GrouPs - briGhtness (i
f = 800 ma, tJ = 85 °c)
XLamp CXA2530 LEDs are tested for luminous flux and placed into one of the following bins.
Group code
min. luminous flux
@ 800 ma
max. luminous flux
@ 800 ma
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
R4
2600
2780
S2
2780
2990
S4
2990
3200
T2
3200
3440
T4
3440
3680
U2
3680
3955
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


유사한 부품 번호 - CXA2530-0000-000N00T435F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2530-0000-000N00T435F CREE-CXA2530-0000-000N00T435F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

유사한 설명 - CXA2530-0000-000N00T435F

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com