전자부품 데이터시트 검색엔진 |
|
CXA2530-0000-000N0HS40E5 데이터시트(PDF) 3 Page - Cree, Inc |
|
CXA2530-0000-000N0HS40E5 데이터시트(HTML) 3 Page - Cree, Inc |
3 / 15 page Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. 3 XLamp CXa2530 LED fluX characteristics, standard order codes and bins (i f = 800 ma, tJ = 85 °c) - continued color cct range base order codes min. luminous flux @ 800 ma chromaticity regions order code Group flux (lm) @ 85 °c flux (lm) @ 25 °c* ANSI white 5000K T4 3440 3879 3A0, 3B0, 3C0, 3D0 CXA2530-0000-000N00T40e3 U2 3680 4150 CXA2530-0000-000N00U20e3 4000K T2 3200 3609 5A0, 5B0, 5C0, 5D0 CXA2530-0000-000N00T20e5 T4 3440 3879 CXA2530-0000-000N00T40e5 U2 3680 4150 CXA2530-0000-000N00U20e5 3500K S4 2990 3372 6A0, 6B0, 6C0, 6D0 CXA2530-0000-000N00S40e6 T2 3200 3609 CXA2530-0000-000N00T20e6 T4 3440 3879 CXA2530-0000-000N00T40e6 3000K S4 2990 3372 7A0, 7B0, 7C0, 7D0 CXA2530-0000-000N00S40e7 T2 3200 3609 CXA2530-0000-000N00T20e7 2700K S2 2780 3135 8A0, 8B0, 8C0, 8D0 CXA2530-0000-000N00S20e8 S4 2990 3372 CXA2530-0000-000N00S40e8 T2 3200 3609 CXA2530-0000-000N00T20e8 Notes: • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. • minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80. • minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70. • Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75. * Flux values @ 25 °C are calculated and for reference only. |
유사한 부품 번호 - CXA2530-0000-000N0HS40E5 |
|
유사한 설명 - CXA2530-0000-000N0HS40E5 |