전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3108AQ 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA3108AQ
상세설명  L-band Down Converter IC with On-Chip PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3108AQ 데이터시트(HTML) 1 Page - Sony Corporation

  CXA3108AQ Datasheet HTML 1Page - Sony Corporation CXA3108AQ Datasheet HTML 2Page - Sony Corporation CXA3108AQ Datasheet HTML 3Page - Sony Corporation CXA3108AQ Datasheet HTML 4Page - Sony Corporation CXA3108AQ Datasheet HTML 5Page - Sony Corporation CXA3108AQ Datasheet HTML 6Page - Sony Corporation CXA3108AQ Datasheet HTML 7Page - Sony Corporation CXA3108AQ Datasheet HTML 8Page - Sony Corporation CXA3108AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
—1—
E99904-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
–0.3 to +5.5
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
730
mW
(when mounted on a substrate)
Operating Conditions
• Supply voltage
VCC
4.75 to 5.30
V
• Operating temperature
Topr
–25 to +75
°C
Description
The CXA3108AQ is a monolithic IC that down-
converts the L-band (1 to 2 GHz) 1st IF to 2nd IF for
satellite broadcast receivers. It integrates a local
oscillator circuit, double-balanced mixer, IF AGC
amplifier and tuning PLL onto a single chip.
This IC supports both analog and digital satellite
broadcasts, and achieves reduction in the number of
tuner components and smaller size.
Features
• On-chip tuning PLL
• Supports 2.65 GHz oscillator frequency
• Noise figure: 12.5 dB typ. (for IF full gain)
• IF AGC gain variation: 46 dB typ.
• Wide band IF AGC amplifier (60 to 500 MHz)
• Two IF outputs
• PLL supports I2C protocol
• On-chip high voltage drive transistor for charge
pump
Applications
• Analog satellite broadcast tuners (BS/CS)
• Digital satellite broadcast tuners (DSS/DVB, etc.)
Structure
Bipolar silicon monolithic IC
L-band Down Converter IC with On-Chip PLL
40 pin QFP (Plastic)
CXA3108AQ
Notes on Handling
This IC has a weak electrostatic discharge strength. Take care when handling the IC.


유사한 부품 번호 - CXA3108AQ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

유사한 설명 - CXA3108AQ

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com