전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3135AN 데이터시트(PDF) 11 Page - Sony Corporation

부품명 CXA3135AN
상세설명  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3135AN 데이터시트(HTML) 11 Page - Sony Corporation

Back Button CXA3135AN Datasheet HTML 7Page - Sony Corporation CXA3135AN Datasheet HTML 8Page - Sony Corporation CXA3135AN Datasheet HTML 9Page - Sony Corporation CXA3135AN Datasheet HTML 10Page - Sony Corporation CXA3135AN Datasheet HTML 11Page - Sony Corporation CXA3135AN Datasheet HTML 12Page - Sony Corporation CXA3135AN Datasheet HTML 13Page - Sony Corporation CXA3135AN Datasheet HTML 14Page - Sony Corporation CXA3135AN Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
—11—
CXA3135AN
Description of PLL Block
The PLL on this IC supports the I2C bus control format. The control pins are as shown in the table below.
1) Mode Setting Method
The modes for each frequency step are set according to the MS pin voltage.
Symbol
ADSW
SCL
SDA
Description
Address selection
SCL input
SDA I/O
Mode
B-0
B-1
B-2
B-3
B-4
MS pin voltage
0 to 0.15 VCC
OPEN
0.45 VCC to 0.55 VCC
0.65 VCC to 0.75 VCC
0.85 VCC to VCC
Main
divider
15 bit
14 bit
15 bit
15 bit
15 bit
Reference
divider
1024
512
640
512
512/
640/
1024
Reference frequency
3.90625 kHz
7.8125 kHz
6.25 kHz
7.8125 kHz
7.8125 kHz/
6.25 kHz/
3.90625 kHz
Frequency
step∗
31.25 kHz
62.5 kHz
50 kHz
62.5 kHz
62.5 kHz/
50 kHz/
31.25 kHz
∗ Frequency step is for when X’tal OSC = 4 MHz.
2) Address Setting
The responding address can be changed according to the ADSW pin voltage, so that multiple PLL can
exist within one system.
Address
ADSW pin voltage
0 to 0.1 VCC
OPEN or 0.2 VCC to 0.3 VCC
0.4 VCC to 0.6 VCC
0.9 VCC to VCC
MA1
0
0
1
1
MA0
0
1
0
1


유사한 부품 번호 - CXA3135AN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

유사한 설명 - CXA3135AN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com