전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3197R 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA3197R
상세설명  10-bit 125MSPS D/A Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3197R 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA3197R Datasheet HTML 3Page - Sony Corporation CXA3197R Datasheet HTML 4Page - Sony Corporation CXA3197R Datasheet HTML 5Page - Sony Corporation CXA3197R Datasheet HTML 6Page - Sony Corporation CXA3197R Datasheet HTML 7Page - Sony Corporation CXA3197R Datasheet HTML 8Page - Sony Corporation CXA3197R Datasheet HTML 9Page - Sony Corporation CXA3197R Datasheet HTML 10Page - Sony Corporation CXA3197R Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
– 7 –
CXA3197R
DVCC2
29
32
AVCCO
AGND2
31
RO
RO
Digital power supply.
Analog output power
supply.
The AVCCO pin voltage
can be varied within the
range that satisfies the
analog output
compliance voltage.
Positive analog output.
Analog ground.
Negative analog output.
The inverse of the
positive analog output
pin is output.
When the positive
output is terminated with
50
Ω, the inverse output
pin should also be
terminated with 50
even if the inverse
output is not used.
AVCCO
Single power
supply: +5V
Dual power
supply: GND
30
AOUTN
AVCCO – VFS
31
O
AOUTP
AVCCO – VFS
32
O
Single power
supply: +5V
Dual power
supply: GND
Reference voltage
output.
AVCC2
AGND2
34
BGR
AGND2
Single power
supply: GND
Dual power
supply: –5V
33
VREF
AGND + 1.25V
(Typ.)
34
O
Analog output full-scale
adjustment.
VSET
AGND2 + 0.65V
to
AGND2 + 1.03V
35
I
AVCC2
35
AGND2
Pin No.
Symbol
Typical voltage level
Equivalent circuit
Description
I/O
AVCC2
36
Analog power supply.
Single power
supply: +5V
Dual power
supply: GND


유사한 부품 번호 - CXA3197R

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results

유사한 설명 - CXA3197R

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com