전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3236N 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA3236N
상세설명  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3236N 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA3236N Datasheet HTML 6Page - Sony Corporation CXA3236N Datasheet HTML 7Page - Sony Corporation CXA3236N Datasheet HTML 8Page - Sony Corporation CXA3236N Datasheet HTML 9Page - Sony Corporation CXA3236N Datasheet HTML 10Page - Sony Corporation CXA3236N Datasheet HTML 11Page - Sony Corporation CXA3236N Datasheet HTML 12Page - Sony Corporation CXA3236N Datasheet HTML 13Page - Sony Corporation CXA3236N Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
—10—
CXA3235/3236N
Description of Analog Block Operation
(See the Electrical Characteristics Measurement Circuit.)
VHF oscillator circuit
• This circuit is a differential amplifier type oscillator circuit.
Pin 18 is the output and Pin 16 is the input.
Oscillation is performed by connecting an LC resonance circuit including a varicap to Pin 18 via coupled
capacitance, inputting to Pin 16 with feedback capacitance, and applying positive feedback.
• The amplifier between Pins 16 and 18 has an extremely high gain. Therefore, care should be taken to
avoid creating parasitic capacitance, resistance or other feedback loops as this may produce abnormal
oscillation.
VHF mixer circuit
• The mixer circuit employs a double balance mixer with little local oscillation signal leakage.
The input format is base input type, with Pin 12 grounded and the RF signal input to Pin 13.
• The RF signal is inserted from the oscillator, converted to IF frequency and output from Pins 9 and 10.
• Pins 9 and 10 are open collectors, so power must be supplied externally. The electric potential of Pins 9
and 10 at this time must be DC 4.0 V or more.
UHF oscillator circuit
• This oscillator circuit is designed so that two collector ground type Colpitts oscillators perform differential
oscillation operation via an LC resonance circuit including a varicap. Connect resonator capacitance
composing colpitts oscillators between Pins 19 and 20, Pins 20 and 21, and Pins 21 and 22.
• Then, LC resonance circuit comprising a varicap diode is connected across Pins 19 and 22.
UHF mixer circuit
• This circuit employs a double balance mixer like the VHF mixer circuit.
The input format is base input type, with Pins 14 and 15 as the RF input pins. The input method can be
selected from balanced input consisting of differential input to Pins 14 and 15 or unbalanced input
consisting of grounding Pin 14 via a capacitor and input to Pin 15.
• Pins 9 and 10 are the mixer outputs.
• Pins 9 and 10 are open collectors, so power must be supplied externally. The electric potential of Pins 9
and 10 at this time must be DC 4.0 V or more.
IF amplifier circuit
• The signals frequency converted by the mixer are output from Pins 9 and 10, and at the same time are
AC coupled inside the IC and input to the IF amplifier.
• Single-tuned filters are connected to Pins 9 and 10 in order to improve the interference characteristics of
the IF amplifier.
• The signal amplified by the IF amplifier is output from Pin 25.
The output impedance is approximately 75
Ω.


유사한 부품 번호 - CXA3236N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA3239TN SONY-CXA3239TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results

유사한 설명 - CXA3236N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com