전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SH08F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7SH08F
상세설명  2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH08F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7SH08F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SH08F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SH08F/FU
2009-09-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SH08F, TC7SH08FU
2-Input AND Gate
Features
• High speed operation
: tpd = 4.3ns (typ.) at VCC = 5V, 15pF
• Low power dissipation : ICC = 2 μA (max) at Ta = 25°C
• High noise immunity
: VNIH = VNIL = 28% VCC (min)
• 5.5-V tolerant inputs
• Wide operating voltage range : VCC = 2 to 5.5 V
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
− 0.5 to 7
V
DC input voltage
VIN
− 0.5 to 7
V
DC output voltage
VOUT
− 0.5 to VCC + 0.5
V
Input diode current
IIK
− 20
mA
Output diode current
IOK
± 20 (Note1)
mA
DC output current
IOUT
± 25
mA
DC VCC/ground current
ICC
± 50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
− 65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note1: VOUT < GND, VOUT > VCC
TC7SH08F
(SMV)
TC7SH08FU
(USV)
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
Pin Assignment (top view)
Product name
H 2
5 VCC
4
OUT Y
IN A
2
GND
3
IN B
1


유사한 부품 번호 - TC7SH08F_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SH08FE TOSHIBA-TC7SH08FE Datasheet
152Kb / 5P
   2 Input AND Gate
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SH08FU TOSHIBA-TC7SH08FU Datasheet
197Kb / 5P
   2-INPUT AND GATE
TC7SH08FUTE85LF TOSHIBA-TC7SH08FUTE85LF Datasheet
174Kb / 7P
   2-Input AND Gate
More results

유사한 설명 - TC7SH08F_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com