전자부품 데이터시트 검색엔진 |
|
TC74AC175FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor |
|
TC74AC175FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor |
5 / 9 page TC74AC175P/F/FT 2012-02-29 5 AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns) Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Min Typ. Max Min Max Unit Propagation delay time (CK-Q, Q ) tpLH tpHL ― 3.3 ± 0.3 5.0 ± 0.5 ― ― 8.2 6.1 13.9 8.7 1.0 1.0 16.0 10.0 ns Propagation delay time ( CLR -Q, Q ) tpLH tpHL ― 3.3 ± 0.3 5.0 ± 0.5 ― ― 7.8 6.1 13.3 8.7 1.0 1.0 15.3 10.0 ns Maximum clock frequency fmax ― 3.3 ± 0.3 5.0 ± 0.5 40 80 80 150 ― ― 40 80 ― ― MHz Input capacitance CIN ― ― 5 10 ― 10 pF Power dissipation capacitance CPD (Note) ― 85 ― ― ― pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC/4 (per F/F) And the total CPD when n pcs of flip flop operate can be gained by the following equation: CPD (total) = 35 + 50·n |
유사한 부품 번호 - TC74AC175FT_12 |
|
유사한 설명 - TC74AC175FT_12 |