전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3541N 데이터시트(PDF) 8 Page - Sony Corporation

부품명 CXA3541N
상세설명  2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3541N 데이터시트(HTML) 8 Page - Sony Corporation

Back Button CXA3541N Datasheet HTML 4Page - Sony Corporation CXA3541N Datasheet HTML 5Page - Sony Corporation CXA3541N Datasheet HTML 6Page - Sony Corporation CXA3541N Datasheet HTML 7Page - Sony Corporation CXA3541N Datasheet HTML 8Page - Sony Corporation CXA3541N Datasheet HTML 9Page - Sony Corporation CXA3541N Datasheet HTML 10Page - Sony Corporation CXA3541N Datasheet HTML 11Page - Sony Corporation CXA3541N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
– 8 –
CXA3541N
No.
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
U1
U2
U3
U4
U5
U6
U7
S1
S2
S3
S4
S5
S6
S7
B1
B2
B4
B5
B6
B7
B8
Write head open threshold
Head voltage when short to
GND
WD frequency too low
Write safety detect time
Low VCC threshold
Low VCC threshold
Low VCC threshold hysteresis
Write to Read
Read to Write
Idle to Read
Sleep to Read
Read to Bank write
Bank write to Read
Idle to Bank write
Idle to Write
Setup time
Hold time
SCLK frequency
SCLK pulse width
SCLK – SDATA setup time
SCLK – SDATA hold time
SDEN low time
Rop
VG
fWDL
Tws
VWthL
VWthH
Vhys
TWR
TRW
TIR
TSR1
TRB
TBR
TIW
TSU (sden)
Th (sden)
f (sclk)
Tw (sclk)
TSU (d)
Th (d)
TSL
Detect open head
Detect short to GND
T1: 2 transitions on WDX/WDY
Fault detected
Fault removed
Signal on WDX/WDY
90% RD signal or 10% IW
90% IW
90% RD signal
90% RD signal, 90% IB1
IB = "011"
90% IW
10% IW
90% IW
SDEN to first SCLK
Last SCLK to deassert SDEN
0.5
3.7
3.9
30
15
10
10
10
100
1.2
3.9
4.1
200
300
50
600
1.4
0.1
1.8
300
+ T1
4.1
4.3
500
70
1.0
2000
100
100
300
30
V
V
MHz
ns
V
V
mV
ns
ns
µs
µs
ns
ns
µs
ns
ns
MHz
ns
ns
ns
ns
Switching Characteristics
Iw = 29.5mA, IB = 5.9mA
Bank Write Characteristics
Iw = 29.5mA, IB = 5.9mA
Serial Port Timing
Write Safety Characteristics
1 T
SR
is proportional to IB and external CAP value.


유사한 부품 번호 - CXA3541N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

유사한 설명 - CXA3541N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com