전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX04FK 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC74LCX04FK
상세설명  Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX04FK 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCX04FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX04FK_12 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74LCX04F/FT/FK
2012-02-29
6
AC Test Circuit
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.7V
2.5
± 0.2 V
1.8
± 0.15 V
VIH
2.7V
VCC
VCC
VIM
1.5V
VCC/2
VCC/2
Input
tr,tf
2.5ns
2.0ns
2.0ns
Output
VOM
1.5V
VOH/2
VOH/2
CL
50pF
30pF
30pF
Load
RL
500Ω
500Ω
1kΩ
Output
Measure
Figure 1
90%
10%
Output
Input
VOL
VOH
GND
VIH
VOM
tpLH
tpHL
tf
tr
VIM
Figure 2 tpLH, tpHL


유사한 부품 번호 - TC74LCX04FK_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX04FK TOSHIBA-TC74LCX04FK Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX04FK_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_12 Datasheet
234Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
   Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com