전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX08FT 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC74LCX08FT
상세설명  Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX08FT 데이터시트(HTML) 8 Page - Toshiba Semiconductor

  TC74LCX08FT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX08FT_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TC74LCX08F/FT/FK
2012-02-29
8
Package Dimensions
Weight: 0.02 g (typ.)


유사한 부품 번호 - TC74LCX08FT_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX08FT TOSHIBA-TC74LCX08FT Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX08FT TOSHIBA-TC74LCX08FT Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX08FT_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
TC74LCX00F TOSHIBA-TC74LCX00F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX00F TOSHIBA-TC74LCX00F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input NAND Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_08 Datasheet
188Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com