전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4001BF 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC4001BF
상세설명  TC4001B Quad 2 Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4001BF 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC4001BF_12 Datasheet HTML 1Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 2Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 3Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC4001BF_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC4001BP/BF/BFT
2012-02-29
3
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Symbol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level
output voltage
VOH
|IOUT| < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level
output voltage
VOL
|IOUT| < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
−0.42
−1.70
−1.10
−2.80
Output high
current
IOH
VIN = VSS
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.50
4.00
0.51
1.30
3.40
1.2
3.2
12.0
0.42
1.10
2.80
Output low
current
IOL
VIN = VSS, VDD
mA
VOUT = 0.5 V
VOUT = 1.0 V
VOUT = 1.5 V
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
Input high
voltage
VIH
|IOUT| < 1 μA
V
VOUT = 4.5 V
VOUT = 9.0 V
VOUT = 13.5 V
5
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Input low
voltage
VIL
|IOUT| < 1 μA
V
“H”
level
IIH
VIH = 18 V
18
0.1
10
−5
0.1
1.0
Input
current “L”
level
IIL
VIL = 0 V
18
−0.1
−10
−5
−0.1
−1.0
μA
Quiescent
supply current
IDD
VIN = VSS, VDD
(Note)
5
10
15
0.25
0.50
1.00
0.001
0.001
0.002
0.25
0.50
1.00
7.5
15.0
30.0
μA
Note: All valid input combinations.


유사한 부품 번호 - TC4001BF_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4001BFN TOSHIBA-TC4001BFN Datasheet
192Kb / 5P
   QUAD 2 INPUT NOR GATE
TC4001BFN TOSHIBA-TC4001BFN Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
TC4001BFT TOSHIBA-TC4001BFT Datasheet
192Kb / 5P
   QUAD 2 INPUT NOR GATE
TC4001BFT TOSHIBA-TC4001BFT Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
More results

유사한 설명 - TC4001BF_12

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com