전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3572 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA3572
상세설명  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA3572 Datasheet HTML 3Page - Sony Corporation CXA3572 Datasheet HTML 4Page - Sony Corporation CXA3572 Datasheet HTML 5Page - Sony Corporation CXA3572 Datasheet HTML 6Page - Sony Corporation CXA3572 Datasheet HTML 7Page - Sony Corporation CXA3572 Datasheet HTML 8Page - Sony Corporation CXA3572 Datasheet HTML 9Page - Sony Corporation CXA3572 Datasheet HTML 10Page - Sony Corporation CXA3572 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
– 7 –
CXA3572R
Pin
No.
Symbol
Equivalent circuit
Description
Phase comparator output.
29
1.8V
Serial clock, serial load and serial data
inputs for serial communication.
31
32
33
SEN
SCK
SDAT
RPD
29
GND1
Vcc1
1k
100k
Analog 3.0V GND.
30
GND1
31
32
33
GND1
Vcc1
20k
1
Vss
Pin
voltage
Connect a resistor between this pin and
GND1 to control the internal LPF and
trap frequencies.
Connect a 43k
Ω resistor (tolerance ±2%,
temperature characteristics ±200ppm or
less).
This pin is easily affected by external
noise, so make the connection between
the pin and external resistor, and
between the GND side of the external
resistor and the GND1 pin as close as
possible.
28
FILTER
1.2V
GND1
Vcc1
500
28


유사한 부품 번호 - CXA3572

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

유사한 설명 - CXA3572

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com