전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3572 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA3572
상세설명  Driver/Timing Generator for Color LCD Panels
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3572 데이터시트(HTML) 1 Page - Sony Corporation

  CXA3572 Datasheet HTML 1Page - Sony Corporation CXA3572 Datasheet HTML 2Page - Sony Corporation CXA3572 Datasheet HTML 3Page - Sony Corporation CXA3572 Datasheet HTML 4Page - Sony Corporation CXA3572 Datasheet HTML 5Page - Sony Corporation CXA3572 Datasheet HTML 6Page - Sony Corporation CXA3572 Datasheet HTML 7Page - Sony Corporation CXA3572 Datasheet HTML 8Page - Sony Corporation CXA3572 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
– 1 –
E00Y05A11-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3572R
48 pin LQFP (Plastic)
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC1
5.5
V
VCC215
V
VDD
4.6
V
• Analog input pin voltage
VINA1 (Pins 18, 19, 20, 22, 23, 24 and 25)
GND – 0.3 to VCC1 + 0.3 V
VINA2 (Pin 16)
GND – 0.3 to VCC2 + 0.3 V
• Digital input pin voltage
VIND (Pins 34 and 35) VSS – 0.3 to +5.5
V
• Common input pin voltage
VINAD (Pins 31, 32 and 33)
GND, VSS – 0.3 to +5.5 V
• Operating temperature
Topr
–15 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation (Ta
≤ 25°C)
PD
600
mW
Operating Conditions
• Supply voltage
VCC1 – GND1
2.7 to 3.6
V
VCC2 – GND2 11.0 to 14.0
V
VDD – VSS
2.7 to 3.6
V
Driver/Timing Generator for Color LCD Panels
Description
The CXA3572R is an IC designed to drive the color
LCD panel ACX306/312.
This IC greatly reduces the number of peripheral
circuits and parts by incorporating a RGB driver and
timing generator for video signals and a VCO onto a
single chip. This chip has a built-in serial interface
circuit and electronic attenuators which allow various
settings to be performed by microcomputer control,
etc.
Features
• Color LCD panel ACX306/312 driver
• Supports NTSC and PAL systems
• Supports Y/color difference and RGB inputs
• Supports OSD input
• Power saving function (clock stopped)
• Various setting control using a serial interface
circuit (asynchronous type)
• Electronic attenuators (D/A converter)
• VCO (no external oscillator circuit)
• LPF (fc variable)
• COMMON and PSIG output circuits
• Sharpness function
• 2-point
γ correction circuit
• R, G, B signal delay time adjustment circuit
• Sync separation circuit
• D/A output pin (0 to 3V, 8 level output)
• Output polarity inversion circuit
• Supports AC drive for LCD panel during no signal
Applications
Compact LCD monitors, etc.


유사한 부품 번호 - CXA3572

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

유사한 설명 - CXA3572

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com