전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LVX157F 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC74LVX157F
상세설명  Quad 2-Channel Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX157F 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TC74LVX157F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX157F_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC74LVX157F/FT
2012-02-29
6
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum
dynamic
VOL
VOLP
3.3
0.3
0.5
V
Quiet output minimum
dynamic
VOL
VOLV
3.3
−0.3
−0.5
V
Minimum high level dynamic
input voltage
VIH
VIHD
3.3
2.0
V
Maximum low level dynamic
input voltage
VIL
VILD
3.3
0.8
V
Input Equivalent Circuit
INPUT


유사한 부품 번호 - TC74LVX157F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX157FN TOSHIBA-TC74LVX157FN Datasheet
270Kb / 9P
   QUAD 20CHANNEL MULTIPLEXER
TC74LVX157FT TOSHIBA-TC74LVX157FT Datasheet
270Kb / 9P
   QUAD 20CHANNEL MULTIPLEXER
More results

유사한 설명 - TC74LVX157F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com