전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LVX4051F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74LVX4051F
상세설명  8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4051F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX4051F_08 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4051F_08 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74LVX4051,4052,4053F/FT/FK
2008-05-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4051F,TC74LVX4051FT,TC74LVX4051FK
TC74LVX4052F,TC74LVX4052FT,TC74LVX4052FK
TC74LVX4053F,TC74LVX4053FT,TC74LVX4053FK
TC74LVX4051F/FT/FK
8-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052F/FT/FK
Dual 4-Channel Analog Multiplexer/Demultiplexer
TC74LVX4053F/FT/FK
Triple 2-Channel Analog Multiplexer/Demultiplexer
The TC74LVX4051/4052/4053 are high-speed, low-voltage drive
analog multiplexer/demultiplexers using silicon gate CMOS
technology. In 3 V and 5 V systems these can achieve high-speed
operation with the low power dissipation that is a feature of
CMOS.
The TC74LVX4051/4052/4053 offer analog/digital signal
selection as well as mixed signals. The 4051 has an 8-channel
configuration, the 4052 has an 4-channel × 2 configuration, and
the 4053 has a 2-channel × 3 configuration.
The switches for each channel are turned ON by the control pin
digital signals.
Although the control signal logical amplitude (VCC − GND) is
small, the device can perform large-amplitude (VCC − VEE) signal
switching.
For example, if VCC = 3 V, GND = 0 V, and VEE = −3 V, signals
between −3 V and +3 V can be switched from the logical circuit
using a single 3 V power supply.
All control input pins are equipped with a newly developed input
protection circuit that avoids the need for a diode on the plus side
(forward side from the input to the VCC). As a result, for example,
5 V signals can be permitted on the inputs even when the power
supply voltage to the circuits is off. As a result of this input power
protection, the TC74LVX4051/4052/4053 can be used in a variety
of applications, including in the system which has two power
supplies, and in battery backup circuits.
Features
• Low ON resistance: Ron = 22 Ω (typ.) (VCC − VEE = 3 V)
Ron = 15 Ω (typ.) (VCC − VEE = 6 V)
• High speed: tpd = 3 ns (typ.) (VCC = 3.0 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• Input level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power down protection is provided on all control inputs
• Pin and function compatible with 74HC4051/4052/4053
TC74LVX4051F, TC74LVX4052F,
TC74LVX4053F
TC74LVX4051FT, TC74LVX4052FT,
TC74LVX4053FT
TC74LVX4051FK, TC74LVX4052FK,
TC74LVX4053FK
Weight
SOP16-P-300-1.27A
: 0.18 g ( typ.)
TSSOP16-P-0044-0.65A
: 0.06 g ( typ.)
VSSOP16-P-0030-0.50
: 0.02 g ( typ.)


유사한 부품 번호 - TC74LVX4051F_08

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
More results

유사한 설명 - TC74LVX4051F_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com