전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC139FK 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74VHC139FK
상세설명  Dual 2-to-4 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC139FK 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC139FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC139FK_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHC139F/FT/FK
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
7.2
11.0
1.0
13.0
3.3 ± 0.3
50
9.7
14.5
1.0
16.5
15
5.0
7.2
1.0
8.5
Propagation delay
time
(A, B-Y)
tpLH
tpHL
5.0 ± 0.5
50
6.5
9.2
1.0
10.5
ns
15
6.4
9.2
1.0
11.0
3.3 ± 0.3
50
8.9
12.7
1.0
14.5
15
4.4
6.3
1.0
7.5
Propagation delay
time
( G-Y)
tpLH
tpHL
5.0 ± 0.5
50
5.9
8.3
1.0
9.5
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
26
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/2 (per decoder)
Input Equivalent Circuit
INPUT


유사한 부품 번호 - TC74VHC139FK_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC139FK TOSHIBA-TC74VHC139FK Datasheet
227Kb / 9P
   Dual 2-to-4 Line Decoder
More results

유사한 설명 - TC74VHC139FK_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
TC74ACT139F TOSHIBA-TC74ACT139F_12 Datasheet
232Kb / 8P
   Dual 2-to-4 Line Decoder
TC74HCT139AF TOSHIBA-TC74HCT139AF_12 Datasheet
217Kb / 7P
   Dual 2-to-4 Line Decoder
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
   Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74VHCT139AF TOSHIBA-TC74VHCT139AF_07 Datasheet
258Kb / 9P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com