전자부품 데이터시트 검색엔진 |
|
TC74VHC165F 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHC165F 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 11 page TC74VHC165F/FT/FK 2012-02-29 2 Pin Assignment IEC Logic Symbol Truth Table Inputs Internal Outputs Outputs SHIFT/ LOAD CK INH CK SERIAL IN PARALLEL A······H QA QB QH H Q L X X X a······h a b h h H L H X H QAn QGn n G Q H L L X L QAn QGn n G Q H L H X H QAn QGn n G Q H L L X L QAn QGn n G Q H X H X X No Change H H X X X No Change X: Don’t care a······h: The level of steady state input voltage at inputs A through H respectively QAn to QGn: The level of QA to QG, respectively, before the most recent positive transition of the CK. VCC 16 D C 15 14 13 12 11 10 1 2 3 4 5 6 7 F G H H Q GND B 8 QH 9 A SI CK E L S/ CK INH CK INH (15) (1) (10) (12) (11) 2D B A (14) (13) (3) D C F E H G (5) (4) (6) (9) QH (2) CK 1D 1D 1D (7) SI SRG 8 C1 [LOAD] C2/ H Q > 1 L S/ |
유사한 부품 번호 - TC74VHC165F_12 |
|
유사한 설명 - TC74VHC165F_12 |