전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC240F 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC74VHC240F
상세설명  Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC240F 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC240F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC240F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VHC240,244F/FT/FK
2009-04-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


유사한 부품 번호 - TC74VHC240F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC240FK TOSHIBA-TC74VHC240FK Datasheet
234Kb / 10P
   Octal Bus Buffer
TC74VHC240FK TOSHIBA-TC74VHC240FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FK TOSHIBA-TC74VHC240FK Datasheet
210Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FT TOSHIBA-TC74VHC240FT Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC240FT TOSHIBA-TC74VHC240FT Datasheet
234Kb / 10P
   Octal Bus Buffer
More results

유사한 설명 - TC74VHC240F_12

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
   TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
   NON-INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU Datasheet
189Kb / 4P
   INVERTED, 3-STATE OUTPUTS
TC7W240FU TOSHIBA-TC7W240FU_01 Datasheet
207Kb / 5P
   INVERTED, 3-STATE OUTPUTS
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
TC7MET240AFK TOSHIBA-TC7MET240AFK_07 Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com