전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4324U030 데이터시트(PDF) 2 Page - High Voltage Power Solutions, Inc.

부품명 CS4324U030
상세설명  Ultra-fast High Voltage Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HVPSI [High Voltage Power Solutions, Inc.]
홈페이지  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS4324U030 데이터시트(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS4324U030 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS4324U030 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Instantaneous VF vs. Io
Ta = 25ºC
0
5
10
15
20
0
20
406080
100
Forward Voltage, VF (V)
CS4302U005
CS4303U060
CS4304U060
CS4308U050
CS4310U040
CS4312U035
CS4314U030
CS4320U035
CS4324U030
Max Surge Current
0
100
200
300
400
500
600
01
23
456
No. of 60 Hz Half-Sine Surges
trr Definition
Time
2542 Highlander Way
Carrollton, TX 75006
CS4300U Series (Low Current)
Ultra-fast High Voltage Diodes
trr
IRP
25% IRP
Output Current vs. Oil Temp.
0
10
20
30
40
50
60
70
0
50
100
150
200
Oil Tem p, ºC
CS4303U060,
CS4304U060
CS4308U050
CS4310U040
CS4312U035,
CS4320U035
CS4314U030,
CS4324U030
CS4302U005


유사한 부품 번호 - CS4324U030

제조업체부품명데이터시트상세설명
logo
High Voltage Power Solu...
CS4324U030 HVPSI-CS4324U030 Datasheet
164Kb / 2P
   Ultra-fast High Voltage Diodes
More results

유사한 설명 - CS4324U030

제조업체부품명데이터시트상세설명
logo
High Voltage Power Solu...
CS4302U005 HVPSI-CS4302U005 Datasheet
164Kb / 2P
   Ultra-fast High Voltage Diodes
logo
SiPower Inc.
2CL02 SIPOWER-2CL02 Datasheet
66Kb / 2P
   Ultra-Fast Recovery High Voltage Diodes
logo
STMicroelectronics
STTA3006CW STMICROELECTRONICS-STTA3006CW Datasheet
77Kb / 8P
   TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL01 SIPOWER-2CL01 Datasheet
72Kb / 2P
   Ultra-Fast Recovery High Voltage Diodes
2CL12 SIPOWER-2CL12 Datasheet
65Kb / 2P
   Ultra-Fast Recovery High Voltage Diodes
2CL11 SIPOWER-2CL11 Datasheet
65Kb / 2P
   Ultra-Fast Recovery High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
1N6519 GETEDZ-1N6519 Datasheet
517Kb / 2P
   High Voltage Power Diodes Ultra-Fast Recovery
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
   Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
   50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
   50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com