전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHCV573FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC74VHCV573FT
상세설명  Octal Schmitt D-Type Latch with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV573FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCV573FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV573FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74VHCV573FT/FK
2010-07-09
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
0.5 to 7.0
(Note 2)
DC output voltage
VOUT
0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note1:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in off-state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
1.8 to 5.5
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
Output voltage
VOUT
0 to VCC
(Note 3)
V
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 20(Vcc=3.3
± 0.3V)
0 to 1(Vcc=5
± 0.5V)
ms/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Output in off-state
Note 3: High or low state.


유사한 부품 번호 - TC74VHCV573FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCV574FK TOSHIBA-TC74VHCV574FK Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
TC74VHCV574FT TOSHIBA-TC74VHCV574FT Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
More results

유사한 설명 - TC74VHCV573FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHCV373FK TOSHIBA-TC74VHCV373FK Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com