전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBB0207 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 CBB0207
상세설명  High Pulse Load Carbon Film Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CBB0207 데이터시트(HTML) 7 Page - Vishay Siliconix

  CBB0207 Datasheet HTML 1Page - Vishay Siliconix CBB0207 Datasheet HTML 2Page - Vishay Siliconix CBB0207 Datasheet HTML 3Page - Vishay Siliconix CBB0207 Datasheet HTML 4Page - Vishay Siliconix CBB0207 Datasheet HTML 5Page - Vishay Siliconix CBB0207 Datasheet HTML 6Page - Vishay Siliconix CBB0207 Datasheet HTML 7Page - Vishay Siliconix CBB0207 Datasheet HTML 8Page - Vishay Siliconix CBB0207 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28736
248
Revision: 07-Jul-10
CBB 0207
Vishay Beyschlag
High Pulse Load Carbon Film Leaded Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification (includes tests)
EN 140100, sectional specification (includes schedule for
qualification approval)
EN 140101-806 (successor of CECC 40101-806), detail
specification (includes schedule for conformance inspection)
The following table contains the applicable tests selected
from the documents listed above.
The tests are carried out in accordance with IEC 60068-2-xx
test method and under standard atmospheric conditions in
accordance with IEC 60068-1, 5.3. climatic category
LCT/UCT/56 (rated temperature range: Lower category
temperature, upper category temperature; damp heat, long
term, 56 days) is valid.
Unless otherwise specified the following values apply:
Temperature: 15
°C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
In the Test Procedures and Requirements table only the
tests and requirements are listed with reference to the
relevant clauses of IEC 60115-1 and IEC 60068-2-xx test
methods. A short description of the test procedure is also
given.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-xx
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
Stability for product types:
CBB 0207
10
Ω to 1.5 MΩ
4.5
-
Resistance
± 2 %
4.8
-
Temperature
coefficient
At (20/LCT/20)
°C and
(20/UCT/20)
°C
-
4.25.1
-
Endurance at
70
°C: standard
operation mode
U =
or
U = Umax.;
1.5 h ON; 0.5 h OFF
70 °C; 1000 h
± (2 %
R + 0.05
Ω)
70 °C; 8000 h
± (4 %
R + 0.05
Ω)
4.25.1
-
Endurance
at 70
°C:
long term
operation mode
U =
or
U = Umax.;
1.5 h ON; 0.5 h OFF
70 °C; 1000 h
± (1 %
R + 0.05
Ω)
70 °C; 8000 h
± (2 %
R + 0.05
Ω)
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
± (2 %
R + 0.05
Ω)
155 °C; 1000 h
± (4 %
R +0.1
Ω)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (1 %
R +0.1
Ω)
4.23
Climatic
sequence:
4.23.2
2 (Ba)
Dry heat
155 °C; 16 h
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % to 100 % RH;
1 cycle
4.23.4
1 (Aa)
Cold
- 55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; 15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 5 days;
95 % to 100 % RH;
5 cycles
± (1 %
R +0.1
Ω)
no visible damage
-
1 (Aa)
Cold
- 55 °C; 2 h
± (0.5 %
R +0.1
Ω)
4.13
-
Short time
overload
Room temperature;
U = 2.5 x
or
U = 2 x Umax.; 5 s
± (0.5 %
R +0.1
Ω)
no visible damage
P
70 x R
P
70 x R
P
70 x R


유사한 부품 번호 - CBB0207

제조업체부품명데이터시트상세설명
logo
WOLFSPEED, INC.
CBB021M12FM3 WOLFSPEED-CBB021M12FM3 Datasheet
2Mb / 12P
   1200 V, 21 mΩ, Silicon Carbide, Full-Bridge Module
Rev. 2, April 2023
More results

유사한 설명 - CBB0207

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
logo
Vishay Siliconix
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
   High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
Revision: 16-May-13
SPW VISHAY-SPW Datasheet
89Kb / 3P
   Carbon Film Resistors, Special Purpose High Frequency Load (Tubes)
Revision 06-Sep-04
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com