전자부품 데이터시트 검색엔진 |
|
Y-CONC-IE62S-IE6P-XXXX-E 데이터시트(PDF) 11 Page - YAMAHA CORPORATION |
|
Y-CONC-IE62S-IE6P-XXXX-E 데이터시트(HTML) 11 Page - YAMAHA CORPORATION |
11 / 42 page SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 10 Outline Dimensions Part No.: Y-ConAS-12 Description: IP20 EMI metal cover against EMI interference, with integrated latch protection. For use with all Y-Con plugs IP20 EMV Metall Steckergehäuse gegen elektromagnetische Beeinflussung, mit integriertem Verriegelungsschutz. Für den Einsatz mit allen Y-Con Kabelsteckern Material: Cover Die-cast zinc Gehäuse Screw Steel Schraube Specifications: Operating Temp.: -40°C ~ +80°C Betriebstemp. IP20 protective transport cap for all Y-Con plugs IP20 Transportschutz- abdeckung für alle Y-Con Kabelstecker. Material: PE Colour.: Transparent white Farbe Specifications: Operating Temp.: -20°C ~ +80°C Betriebstemp. Series Design Number Y-ConCover - 20 Part Number (Details) Accessories |
유사한 부품 번호 - Y-CONC-IE62S-IE6P-XXXX-E |
|
유사한 설명 - Y-CONC-IE62S-IE6P-XXXX-E |