전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN156L6X 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN156L6X
상세설명  Low Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN156L6X 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN156L6X Datasheet HTML 1Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 2Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 3Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 4Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 5Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 6Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 7Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 8Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN156 • Rev. 1.0.0
4
Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD=5.5V, VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input Offset Voltage
(2)
VCM=0.5VDD
-15
±1
+15
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode Input Voltage
VSS
VDD
V
CMRR
Common Mode Rejection Ratio
(3)
VCM=VDD
68
dB
IDD
Supply Current
6
17
µA
PSRR
Power Supply Rejection Ratio
(3)
ΔVDD=0.5V
45
80
dB
IOS
Output Short Circuit Current
VO=VDD
60
mA
VO=VSS
90
VOL
Low-Level Output Voltage
ISINK=5.0mA
0.1
0.3
V
VOH
High-Level Output Voltage
ISOURCE=5.0mA
5.2
5.4
V
tPLH
Propagation Delay (Turn-On)
Overdrive 20mV,
CL=15pF
0.40
µs
tPHL
Propagation Delay (Turn-Off)
Overdrive=20mV,
CL=15pF
0.42
µs
tTLH
Response Time, Output Rise/Fall
(4)
CL=50pF
4.0
ns
tTHL
5.4
VDD=3V, VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input Offset Voltage
(2)
VCM=0.5VDD
-15
±1
+15
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode Input Voltage
VSS
VDD
V
CMRR
Common Mode Rejection Ratio
(3)
VCM=VDD
60
dB
IDD
Supply Current
5.5
15.0
µA
PSRR
Power Supply Rejection Ratio
(3)
ΔVDD=0.5V
45
80
dB
IOS
Output Short Circuit Current
VO=VDD
27
mA
VO=VSS
35
VOL
Low-Level Output Voltage
ISINK=3.0mA
0.15
0.35
V
VOH
High-Level Output Voltage
ISOURCE=3.0mA
2.65
2.85
V
tPLH
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
0.45
µs
tPHL
Propagation Delay (Turn-Off)
Overdrive=20mV,
CL=15pF
0.47
µs
tTLH
Response Time, Output Rise/Fall
(4)
CL=50pF
6.1
ns
tTHL
6.2
Continued on the following page…


유사한 부품 번호 - FAN156L6X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN156L6X ONSEMI-FAN156L6X Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results

유사한 설명 - FAN156L6X

제조업체부품명데이터시트상세설명
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com