전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN156L6X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN156L6X
상세설명  Low Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN156L6X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FAN156L6X Datasheet HTML 1Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 2Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 3Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 4Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 5Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 6Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 7Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 8Page - Fairchild Semiconductor FAN156L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN156 • Rev. 1.0.0
7
Typical Performance Characteristics (Continued)
Figure 10.Propagation Delay (tPLH) vs. Temperature
Figure 11. Propagation Delay vs. Input Overdrive
Figure 12. Input Common-Mode Voltage Range vs.
Supply Voltage
Figure 13.Power-Up Delay
200
250
300
350
400
450
500
-60
-40
-20
0
20
40
60
80
100
Temperature
1.6VDD
3.0VDD
5.5VDD
100
120
140
160
180
200
220
240
260
280
300
0
50
100
150
200
250
Overdrive (mV)
tpLH
tpHL
VDD=3.0V 
Temp. =25°C
‐3
‐2
‐1
0
1
2
3
1
23456
VS, Supply Voltage (V)
TA = 25°C
0
1
2
3
4
5
6
7
0
50
100
150
200
250
300
Time (µS)
VDD
Output
Input Overdrive = 50mV


유사한 부품 번호 - FAN156L6X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN156L6X ONSEMI-FAN156L6X Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results

유사한 설명 - FAN156L6X

제조업체부품명데이터시트상세설명
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com