전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8711BD-B-IM 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI8711BD-B-IM
상세설명  5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8711BD-B-IM 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI8711BD-B-IM Datasheet HTML 7Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 8Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 9Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 10Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 11Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 12Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 13Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 14Page - Silicon Laboratories SI8711BD-B-IM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si87xx
Preliminary Rev. 0.5
11
Table 9. Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Unit
Storage Temperature
TSTG
–65
+150
°C
Operating Temperature
TA
–40
+125
°C
Junction Temperature
TJ
—+140
°C
Average Forward Input Current
Si87xxA Devices
Si87xxB Devices
Si87xxC Devices
IF(AVG)
15
30
15
mA
mA
mA
Peak Transient Input Current
(< 1 µs pulse width, 300 ps)
IFTR
—1
A
Reverse Input Voltage
VR
–0.3
V
Supply Voltage
VDD
–0.5
36
V
Output Voltage
VOUT
–0.5
36
V
Enable Voltage
VOUT
–0.5
VDD+0.5
V
Output Sink Current
ISINK
—15
mA
Average Output Current
IO(AVG)
—8
mA
Peak Output Current (VDD =5V)
IOPK
—75
mA
Input Power Dissipation
PI
—90
mW
Output Power Dissipation
PO
—50
mW
Total Power Dissipation
PT
—140
mW
Lead Solder Temperature (10 s)
260
°C
HBM Rating ESD
3
kV
Machine Model ESD
200
V
CDM
500
V
Maximum Isolation Voltage (1 s) SOIC-8
4500
VRMS
Maximum Isolation Voltage (1 s) DIP8
4500
VRMS
Maximum Isolation Voltage (1 s) SDIP6
6500
VRMS
Maximum Isolation Voltage (1 s) LGA8
6500
VRMS
*Note: Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions specified in the operational sections of this data sheet.


유사한 부품 번호 - SI8711BD-B-IM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI8711BC-B-IP SKYWORKS-SI8711BC-B-IP Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
SI8711BC-B-IS SKYWORKS-SI8711BC-B-IS Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

유사한 설명 - SI8711BD-B-IM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
   Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
M-System Co.,Ltd.
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
   Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
   Dual Channel Input/Output Isolators 5-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com