전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD7211F 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TPD7211F
상세설명  Power MOSFET Gate Driver for half-bridge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7211F 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TPD7211F Datasheet HTML 5Page - Toshiba Semiconductor TPD7211F Datasheet HTML 6Page - Toshiba Semiconductor TPD7211F Datasheet HTML 7Page - Toshiba Semiconductor TPD7211F Datasheet HTML 8Page - Toshiba Semiconductor TPD7211F Datasheet HTML 9Page - Toshiba Semiconductor TPD7211F Datasheet HTML 10Page - Toshiba Semiconductor TPD7211F Datasheet HTML 11Page - Toshiba Semiconductor TPD7211F Datasheet HTML 12Page - Toshiba Semiconductor TPD7211F Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TPD7211F
2011-10-24
10
0
2
4
6
8
10
04
8
12
16
20
0
2
4
6
8
10
04
8
12
16
20
0
2
4
6
8
10
-80
-40
0
40
80
120
160
0
2
4
6
8
10
0
100
200
300
400
500
0
2
4
6
8
10
-80
-40
0
40
80
120
160
0
2
4
6
8
10
-500
-400
-300
-200
-100
0
Supply voltage VDD[V]
RDS(ON)[SOURCE] - VDD
Junction temperature Tj[°C]
RDS(ON)[SOURCE] - Tj
Output current IOUT[mA]
RDS(ON)[SINK] - IOUT
Output current IOUT[mA]
RDS(ON)[SOURCE] – IOUT
Supply voltage VDD[V]
RDS(ON)[SINK] - VDD
Junction temperature Tj[°C]
RDS(ON)[SINK] - Tj
VSTBY=5V
VIN1=0V/VIN2=5V
VDD=12V
Tj=25°C
IOUT
=-250mA
-500mA
VSTBY=5V
VIN1=5V/VIN2=0V
VDD=12V
Tj=25°C
VSTBY=5V
VIN1=5V/VIN2=0V
VDD=12V
IOUT
=+250mA
+500mA
VSTBY=5V
VIN1=0V/VIN2=5V
IOUT=-250mA
Tj=25°C
VSTBY=5V
VIN1=0V/VIN2=5V
VDD=12V
VSTBY=5V
VIN1=5V/VIN2=0V
IOUT=+250mA
Tj=25°C


유사한 부품 번호 - TPD7211F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
More results

유사한 설명 - TPD7211F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com