전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5215CX550 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS5215CX550
상세설명  300mA Low Noise LDO Voltage Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5215CX550 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5215CX550 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS5215CX550 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS5215
300mA Low Noise LDO
Voltage Regulator with Enable
1/9
Version: B07
SOT-25
SOT-89-5L
SOP-8
General Description
TS5215 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 17mV at
light loads and 300mV at 300mA), and very low power consumption (125uA at 100uA), providing high output current
even when the application requires very low dropout voltage. The Chip Enable (EN) includes a CMOS or TTL
compatible input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops
nearly to zero.
TS5215 is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, revered battery protection and a reference bypass pin to improve its already excellent low-
noise performance.
Features
Ultra Low Noise Output
Output Current up to 350mA
Low Dropout Voltage
Low Power Consumption
“Zero” Off-mode Current
Logic Controlled Electronic Enable
Internal Current Limit
Thermal Shutdown Protection
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Ordering Information
Part No.
Package
Packing
TS5215CX5xx RF
SOT-25
3Kpcs / 7” Reel
TS5215CY5xx RM
SOT-89-5L
1Kpcs / 7” Reel
TS5215CSxx RL
SOP-8
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
50=5.0V
33=3.3V
25=2.5V
Leave blank for adjustable version.
Contact factory for additional voltage options.
Typical Application Circuit
Adjustable Version: VOUT = 1.24 (R1+R2)/R2
(Adjustable output range up to 8V)
EN (pin3) may be connected directly to VIN (pin 1)
Low noise operation: CBYP =470pF, COUT >2.2uF
Basic operation: CBYP =not used, COUT >2uF
Pin Definition:
1. Input
2. Ground
3. Enable
4. Bypass / Adjust
5. Output
Pin Definition:
1. Enable
8. Ground
2. Input
7. Ground
3. Output
6. Ground
4. Bypass / Adj
5. Ground
Pin Definition:
1. Bypass / Adjust
2. Ground
3. Enable
4. Input
5. Output
COUT
2.2uF
CBYP
470pF
on
off
EN
VOUT
VIN
COUT
2.2uF
on
off
EN
R1
R2
VIN
VOUT
CBYP
470pF
TS5215CX5xx
TS5215CX5


유사한 부품 번호 - TS5215CX550

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5215CX5 TSC-TS5215CX5 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX5RF TSC-TS5215CX5RF Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results

유사한 설명 - TS5215CX550

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215 Datasheet
174Kb / 7P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS50 TSC-TS5215CS50 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY525 TSC-TS5215CY525 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215 TSC-TS5215_08 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com