전자부품 데이터시트 검색엔진 |
|
TS9005DCW 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS9005DCW 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 7 page TS9005 600mA Adjustable CMOS LDO with Enable Function 2/7 Version: C07 Absolute Maximum Rating Parameter Symbol Limit Unit Input Supply Voltage VIN GND -0.3 ~ +6.5 V Output Voltage VOUT GND -0.3 ~ VIN +0.3 V Enable Input Voltage VEN GND -0.3 ~ GND +6 V Feedback Voltage VFB GND -0.3 ~ GND +6 V Power Dissipation SOT-223 800 SOT-89 500 SOT-25 PD 300 mW Thermal Resistance – Junction to Case ӨJC 25 oC/W Thermal Resistance – Junction to Ambient ӨJA 120 oC/W Operating Temperature Range TOPR -40 ~ +85 oC Junction Temperature Range TJ -40 ~ +125 oC Storage Temperature Range TSTG -65 ~ +150 oC Notes: ӨJA is measured with the PCB copper area of approximately 1 in 2(multi-layer). That need connect to GND pin. Electrical Characteristics (Ta = 25oC, unless otherwise noted) Parameter Symbol Test Condition Min Typ Max Units Input Voltage VIN (Note 1) 2.5 -- 5.5 V Output Voltage Accuracy ∆VOUT IOUT =1mA -2 -- +2 % Feedback Voltage VFB VIN =2.8V ~ 5.5V, IOUT =1mA 0.784 0.8 0.816 V FB Input leakage Current IFB VFB =0.8V -100 -- 100 mA 1.5V ≤ VOUT ≤ 2V -- 1000 1200 2.0V ≤ VOUT ≤ 2.8V -- 500 800 Dropout Voltage VDROP IO =600mA VO =VO(NOM) -2% 2.8V ≤ VOUT ≤ 5V -- 350 500 mV Quiescent Current IQ IOUT 0mA -- 45 70 uA Current Limit ILIMIT RLOAD=1Ω 600 -- -- mA Line Regulation REGLINE IOUT =1mA , VIN= VOUT +1V ~ 5V -- 1 5 mV Load Regulation REGLOAD IOUT =0~600mA -- 13 50 mV Power Supply Rejection PSRR f=120Hz. -- 60 -- dB Shutdown Current ISD VIN= 2.8V~5V, VEN =0V -- -- 1 uA Enable Pin Current IEH VEH =VIN -- -- 0.1 uA VEH 2 -- -- V EN Input Threshold VEL -- -- 0.6 V Over Temp. Shutdown OTS -- 160 -- oC Over Temp. Hysterisis OTH -- 25 -- oC Note1: VIN(MIN)=VOUT+VDROPOUT Note2: The is VDROPOUT defined as VIN-VOUT, which is measured when VOUT drop about 100mV Note3: Regulation is measured at constant junction temperature by using pulsed testing with a low ON time. |
유사한 부품 번호 - TS9005DCW |
|
유사한 설명 - TS9005DCW |