전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9005KCW 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS9005KCW
상세설명  600mA Adjustable CMOS LDO with Enable Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005KCW 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9005KCW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005KCW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
3/7
Version: C07
Typical Application Circuit
Fixed Version
Adjustable Version
Fixed Version
Application Information
TS9005 is specifically designed for portable applications requiring minimum board space and smallest components.
It can provide 600mA output current at dropout voltage about 600mV. Beside, current limit and thermal shutdown
features provide protection against any combination of overload or ambient temperature that could exceed junction
temperature.
Capacitor Selection
TS9005 is designed to be stable with a wide range of output capacitors. The ESR of the output capacitor affects
stability. Larger output capacitor value can decrease peak deviations and to improve transition response for larger
current changes. So the ESR of output capacitor is very important because it generates a zero to provide phase lead
for loop stability. There is no requirement for the ESR on the input capacitor, but voltage and temperature coefficient
have to be considered for device application environments.
The capacitor types (aluminum, ceramic and tantalum) have difference characterizations such as temperature and
voltage coefficients. All ceramic capacitors are produces with a variety of dielectrics, each with different behavior
across temperature and applications. Common dielectric use are X5R, X7R and Y5V. It is recommended to use 1uF
X5R or X7R dielectric ceramic capacitor with 30mΩ~50mΩ ESR range between device outputs to ground for transient
stability.
Current Limit and Thermal Shutdown Protection
In order to prevent overloading or thermal condition from damaging the device, TS9005 regulator has internal thermal
and current limiting functions designed to protect the device. It will rapidly shut off PMOS pass element during
overloading or over temperature condition.


유사한 부품 번호 - TS9005KCW

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results

유사한 설명 - TS9005KCW

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com