전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS39500CM18 데이터시트(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

부품명 TS39500CM18
상세설명  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39500CM18 데이터시트(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39500CM18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS39500CM18 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS39500/1/2
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
11/12
Version: B07
TO-263-5L Mechanical Drawing
Marking Diagram
TS39501 / TS39502
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage – TS39501 only
(18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
XXX = CM5 – TS39502 only
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071


유사한 부품 번호 - TS39500CM18

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39500CM TSC-TS39500CM Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
TS39500CM25 TSC-TS39500CM25 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CM33 TSC-TS39500CM33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CM50 TSC-TS39500CM50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CMRN TSC-TS39500CMRN Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

유사한 설명 - TS39500CM18

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150 TSC-TS39150_08 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ50 TSC-TS39500CZ50 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CM550 TSC-TS39501CM550 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29150 TSC-TS29150_07 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ518 TSC-TS39153CZ518 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ33 TSC-TS39500CZ33 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com