전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXD3068Q 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXD3068Q
상세설명  CD Digital Signal Processor with Built-in Digital Servo
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3068Q 데이터시트(HTML) 4 Page - Sony Corporation

  CXD3068Q Datasheet HTML 1Page - Sony Corporation CXD3068Q Datasheet HTML 2Page - Sony Corporation CXD3068Q Datasheet HTML 3Page - Sony Corporation CXD3068Q Datasheet HTML 4Page - Sony Corporation CXD3068Q Datasheet HTML 5Page - Sony Corporation CXD3068Q Datasheet HTML 6Page - Sony Corporation CXD3068Q Datasheet HTML 7Page - Sony Corporation CXD3068Q Datasheet HTML 8Page - Sony Corporation CXD3068Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 134 page
background image
– 4 –
CXD3068Q
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
I
I
I
I
I
O
I
I/O
O
O
O
O
O
O
O
O
I/O
I/O
I/O
I/O
I
I/O
O
I
O
O
O
O
O
O
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
Digital power supply.
System reset. Reset when low.
Mute input (low: off, high: on)
Serial data input from CPU.
Latch input from CPU. Serial data is latched at the falling edge.
Serial data transfer clock input from CPU.
SENS output to CPU.
SENS serial data readout clock input.
Anti-shock input/output.
WFCK output.
XUGF output. MNT0 or RFCK is output by switching with the command.
XPCK output. MNT1 is output by switching with the command.
GFS output. MNT2 or XROF is output by switching with the command.
G2PO output. MNT3 or GTOP is output by switching with the command.
Outputs a high signal when either subcode sync S0 or S1 is detected.
4.2336MHz output. 1/4 frequency division output for V16M in CAV-W mode
or variable pitch mode.
Word clock output. f = 2Fs. GRSCOR is output by the command switching.
Digital GND.
Track count signal I/O.
Mirror signal I/O.
Detect signal I/O.
Focus OK signal I/O.
Spindle motor external control input.
GFS is sampled at 460Hz; when GFS is high, this pin outputs a high signal.
If GFS is low eight consecutive samples, this pin outputs low. Input when LKIN = 1.
Spindle motor servo control output.
Disc innermost track detection signal input.
2/3 frequency division output for XTAI pin.
Digital power supply.
Sled drive output.
Sled drive output.
Tracking drive output.
Tracking drive output.
Focus drive output.
DVDD0
XRST
MUTE
DATA
XLAT
CLOK
SENS
SCLK
ATSK
WFCK
XUGF
XPCK
GFS
C2PO
SCOR
C4M
WDCK
DVSS0
COUT
MIRR
DFCT
FOK
PWMI
LOCK
MDP
SSTP
FSTO
DVDD1
SFDR
SRDR
TFDR
TRDR
FFDR
Symbol
I/O
Description


유사한 부품 번호 - CXD3068Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003 SONY-CXD3003 Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results

유사한 설명 - CXD3068Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com