전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXG1015N 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXG1015N
상세설명  Power Amplifier/Antenna Switch for PHS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1015N 데이터시트(HTML) 1 Page - Sony Corporation

  CXG1015N Datasheet HTML 1Page - Sony Corporation CXG1015N Datasheet HTML 2Page - Sony Corporation CXG1015N Datasheet HTML 3Page - Sony Corporation CXG1015N Datasheet HTML 4Page - Sony Corporation CXG1015N Datasheet HTML 5Page - Sony Corporation CXG1015N Datasheet HTML 6Page - Sony Corporation CXG1015N Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
—1—
E97749-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VDD
6V
• Voltage between gate and source
Vgs0
1.5
V
• Drain current
IDD
550
mA
• Power dissipation
PD
3W
• Channel temperature
Tch
150
°C
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
Description
The CXG1015N is a power amplifier/antenna
switch MMIC for PHS. This is designed using the
Sony’s GaAs J-FET process and operates at a
single positive power supply.
Features
• Single positive power supply
3.0 V
• Output power
20.2 dBm
(Antenna switch transfer output pin power)
• Low current consumption
160 mA
(Output power of 20.2 dBm)
• High power gain
39 dB Typ.
(Output power of 20.2 dBm)
• Low insertion loss
0.5 dB Typ.
• Small mold package
20-pin SSOP
(Pin interval of 0.5 mm pitch)
Structure
GaAs J-FET MMIC
Applications
• Power amplifiers for PHS
• Antenna switches for PHS
Power Amplifier/Antenna Switch for PHS
20 pin SSOP (Plastic)
CXG1015N


유사한 부품 번호 - CXG1015N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
More results

유사한 설명 - CXG1015N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082_15 Datasheet
224Kb / 6P
   PHS Power Amplifier
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
logo
Toshiba Semiconductor
TG2200F TOSHIBA-TG2200F Datasheet
2Mb / 5P
   1.9GHz BAND ANTENNA SWITCH(PHS DIGITAL CORDLESS TELEPHONE)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com