전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA510A 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STA510A
상세설명  44-volt, 5.5-amp, quad power half bridge
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510A 데이터시트(HTML) 2 Page - STMicroelectronics

  STA510A Datasheet HTML 1Page - STMicroelectronics STA510A Datasheet HTML 2Page - STMicroelectronics STA510A Datasheet HTML 3Page - STMicroelectronics STA510A Datasheet HTML 4Page - STMicroelectronics STA510A Datasheet HTML 5Page - STMicroelectronics STA510A Datasheet HTML 6Page - STMicroelectronics STA510A Datasheet HTML 7Page - STMicroelectronics STA510A Datasheet HTML 8Page - STMicroelectronics STA510A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Contents
STA510A
2/17
Doc ID 11077 Rev 2
Contents
1
Audio applications circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pins description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.2
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.3
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4
Technical information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.1
Logic interface and decode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.2
Protection circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.3
Power outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.4
Parallel output / high current operation . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.5
Output filtering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4.6
Applications circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


유사한 부품 번호 - STA510A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
More results

유사한 설명 - STA510A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA510F STMICROELECTRONICS-STA510F Datasheet
220Kb / 11P
   44-V, 5.5-A, quad power half bridge
STA510F STMICROELECTRONICS-STA510F_11 Datasheet
346Kb / 11P
   44-V, 5.5-A, quad power half-bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
   40-volt, 3-amp, quad power half bridge
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
   18-volt, 3-amp, quad power half-bridge
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com