전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744105 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744105
상세설명  TOROIDAL LINE CHOKE WE-SI
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744105 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744105 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
A
17,5 max
mm
B
8,0 max
mm
C
12,0 ± 1,0
mm
D
1,0 min
mm
E
7,0 ± 1,0
mm
F
ø 0,3 ref
mm
@@FRM 1 @@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
Nenn-Induktivität /
nominal inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
33%
+20°C
CZ
Version 4
2009-12-01
CZ
Version 3
2009-07-22
MST
Version 1
2004-10-11
Name
Änderung / modification
Datum / date
Freigabe erteilt / general release:
Kunde / customer
Würth Elektronik
..................................................................................
Ferrit / ferrite 3 W 7538
2 UEW; 130°C
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
A
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Betriebstemp. / operating temperature -25°C - + 85°C
Basismaterial / base material:
Draht / wire:
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
..................................................................................
µH
0,4000
±20%
µH
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-12-01
max.
SPEICHERDROSSEL WE-SI
TOROIDAL LINE CHOKE WE-SI
Artikelnummer / part number :
A Mechanische Abmessungen / dimensions:
Testbedingungen /
test conditions
RDC
min.
10 kHz / 5mA
10 kHz/5mA/IN
Kunde / customer :
744105
0,5
LO
258,0
IN
LN
220,0
GMC Metrahit 27I Milliohmmeter für/for R
DC
Fluke 54II Thermometer für/for I
DC
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
Wayne Kerr 3260B für/for L
0
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety
and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must
be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical
circuits that require high safety and reliability functions or performance.
SEITE 1 VON 1


유사한 부품 번호 - 744105

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744101 WURTH-744101 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744102 WURTH-744102 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744103 WURTH-744103 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744104 WURTH-744104 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744106 WURTH-744106 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
More results

유사한 설명 - 744105

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744132 WURTH-744132 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744134 WURTH-744134 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744112 WURTH-744112 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744103 WURTH-744103 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744106 WURTH-744106 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744153 WURTH-744153 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
7441501 WURTH-7441501 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744111 WURTH-744111 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744114 WURTH-744114 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744135 WURTH-744135 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744136 WURTH-744136 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com