전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS60L30C-Y 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS60L30C-Y
상세설명  Automotive power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS60L30C-Y 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS60L30C-Y Datasheet HTML 1Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 2Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 3Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 4Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 5Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 6Page - STMicroelectronics STPS60L30C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS60L30C-Y
2/7
Doc ID 18296 Rev 1
1
Characteristics
When diodes 1 and 2 are used simultaneously:
ΔTj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute rating (limiting value, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
(1)
1.
All anode pins (A1, A2) must be connected
Forward rms current
45
A
IF(AV)
(1)
Average forward current
Tc = 130 °C, δ = 0.5
Square pulse
Per diode
Per device
30
60
A
IFSM
(1)
Surge non repetitive forward current
tp = 10 ms Sinusoidal
250
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +150
°C
TR
Recommended reflow soldering temperature range
245 +0/-5
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Per device
0.95
0.61
°C/W
Rth(c)
Coupling
0.27
°C/W
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test : tp = 380 µs, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
2mA
Tj = 125 °C
400
mA
VF
(1) (2)
2.
All anode pins (A1, A2) must be connected
To evaluate the maximum conduction losses use the following equation:
P = 0.315 x IF(AV) + 0.00333 x IF
2
(RMS)
Forward voltage drop
Tj = 25 °C
IF = 10 A
0.420
V
Tj = 125 °C
IF = 10 A
0.310
Tj = 25 °C
IF = 30 A
0.490
Tj = 125 °C
IF = 30 A
0.415


유사한 부품 번호 - STPS60L30C-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS60L30CW STMICROELECTRONICS-STPS60L30CW Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS60L30CW STMICROELECTRONICS-STPS60L30CW_03 Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

유사한 설명 - STPS60L30C-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com