전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

STX-PRO 데이터시트(HTML) 1 Page - STMicroelectronics

부품명 STX-PRO
상세내용  Raisonance’s unlimited development tool bundles for STM32, STR7 and STR9
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo 

STX-PRO 데이터시트(HTML) 1 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2008
Rev 2
1/4
4
STR9-DK/RAIS, STX-PRO/RAIS
Raisonance’s unlimited development
tool bundles for STM32, STR7 and STR9
Features
In-circuit debugger/programmer with industry
standard JTAG application board interface and
USB connection to the host PC.
RIDE unlimited version that drives RLink and
Signum’s JTAGjet, and offers seamless control
of software development tools and GNU C/C++
compiler from an intuitive GUI.
Signum’s JTAGjet (in the STR9-DK/RAIS), with
support for execution tracing during debugging,
so that users can take advantage of the STR9’s
Embedded Trace Macrocell™.
Raisonance’s RLink (in the STX-PRO/RAIS)
that allows in-circuit programming and
debugging of a range of 32- and 8-bit
STMicrocontrollers.
Unlimited, optimizing GNU C/C++ compiler.
The REva modular evaluation board with the
STR9-DK/RAIS helps evaluation of a range of ST
microcontrollers and device features.
Motherboard provides general evaluation
features including LEDs, push buttons,
switches, temperature sensor, potentiometer
and interfaces for I2C, SPI and UART.
Daughterboard features specific components
for the STR912FAW4, including the MCU itself,
ETM trace connector and Ethernet connector.
Daughterboards are interchangeable and plug
into a standard SO-DIMM connector found on
all REva motherboards.
Description
The Professional Kit (STX-PRO/RAIS) and the
STR9 Professional Developer Kit (STR9-
DK/RAIS) provide cost-effective, unlimited
application development solutions for
STMicroelectronics Cortex™-M3, ARM7TDMI™
and ARM966E™ core-based microcontrollers.
The tools contain everything required to develop
STM32 and STR7/9 applications including in-
circuit debugger/programmer, Raisonance
Integrated Development Environment (RIDE) and
GNU C/C++ compiler.
The STR9-DK/RAIS includes extras such as
Signum’s JTAGjet supporting unlimited execution
trace and REva evaluation board with STR91xF
and plenty of code samples to help users get
started with peripherals such as Ethernet and
USB.
Professional kit with RLink
STR9 Professional developer kit
www.st.com


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn