전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR022V1 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STEVAL-TDR022V1
상세설명  RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR022V1 데이터시트(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR022V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR022V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Test circuit
STEVAL-TDR022V1
4/8
Doc ID 18079 Rev 1
2
Test circuit
Figure 1.
Test circuit schematic
Vcc_2P
C12
C17
L3
L1
L7
L6
MSUB
FR4_60
H=1.52 mm
MSub
C11
B2
L5
L4
L2
C6
C13
P1
C16
C7
C8
C1
C15
R3
P2
C10
C3
C4
C5
C9
C14
C2
B1
R1
R4
R6
R5
LDMOS
Model=PD85025-E
R2
D1


유사한 부품 번호 - STEVAL-TDR022V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
More results

유사한 설명 - STEVAL-TDR022V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
logo
Motorola, Inc
MHW812A3 MOTOROLA-MHW812A3 Datasheet
243Kb / 4P
   THE RF LINE UHF POWER AMPLIFIER
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
   E-Series RF 2-Way 0째 Power Divider
logo
STMicroelectronics
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
   3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
UM0890 STMICROELECTRONICS-UM0890 Datasheet
442Kb / 7P
   2-stage RF power amplifier with LPF based on the PD85006L-E and STAP85050 RF power transistors
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
   RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com