전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR027V1 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STEVAL-TDR027V1
상세설명  Portable UHF 2-way radio demonstration board based on the PD84008L-E
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR027V1 데이터시트(HTML) 4 Page - STMicroelectronics

  STEVAL-TDR027V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR027V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Impedance
STEVAL-TDR027V1
4/11
Doc ID 18109 Rev 1
2
Impedance
Figure 1.
Impedance diagram
Table 3.
Impedance data
F (MHz)
ZGS
ZDL
380
3,3 + j6,2
2,2 - j0,7
390
3,6 + j6,7
2,2 - j0,4
400
4,1 + j7,1
2,2 - j0,1
410
4,6 + j7,4
2,2 + j0,2
420
5,3 + j7,5
2,2 + j0,5
430
6,2 + j7,3
2,3 + j0,8
440
6,8 + j6,6
2,4 + j1,0
450
7,0 + j5,4
2,4 + j1,3
460
6,4 + j4,2
2,6 + j1,5
470
5,2 + j3,6
2,7 + j1,6
480
3,9 + j3,7
2,8 + j1,7
490
2,8 + j4,2
2,9 + j1,8
500
2,1 + j4,9
3,0 + j1,9
510
1,6 + j5,6
3,1 + j1,8
520
1,3 + j6,3
3,2 + j1,7


유사한 부품 번호 - STEVAL-TDR027V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

유사한 설명 - STEVAL-TDR027V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com