전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILH004V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ILH004V1
상세설명  70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILH004V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ILH004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILH004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILH004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILH004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILH004V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILH004V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2011
Doc ID 022333 Rev 1
1/6
6
STEVAL-ILH004V1
70 W electronic ballast for metal halide lamp (HID)
based on the L6382D5 and ST7FLITE49K2
Features
Minimum mains voltage (rms value): 85 V
Maximum mains voltage (rms value) : 265 V
Minimum mains frequency( fmin): 47 Hz
Expected bridge efficiency (H-bridge): 95%
Rated lamp power (Plamp) : 70 W
Rated output power: 73 W
Output current: 0.18 A
Regulated DC output voltage (Vout ): 410 V
Maximum output low-frequency Vout ripple:
20 V
PFC minimum switching frequency: 30 kHz
Expected PFC efficiency 96 %
Expected input section efficiency: 99%
Expected power factor: 0.99
RoHS compliant
Description
The STEVAL-ILH004V1 demonstration board
implements a digital ballast for a 70 W HID lamp
(sodium or metal halide) used in general lighting
applications. The ballast is composed of a boost
converter (power factor controller PFC) working in
transition mode and an inverter composed of a
half-bridge that drive the lamp in low-frequency
square wave.
Both the half-bridge and the PFC stage are
managed by the ST7LITE49K2 that controls the
L6382D5, activating all the power switches.
STEVAL-ILH004V1
www.st.com


유사한 부품 번호 - STEVAL-ILH004V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
More results

유사한 설명 - STEVAL-ILH004V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
   250 W HID metal halide electronic ballast
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
   150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
   Ballast 70W Metal Halide
logo
alpha microelectronics ...
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
   Ballast Controller for Metal Halide Lamps
logo
STMicroelectronics
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
   This note describes digital ballast for 70 W HID lamps
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
   STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
June 2015 Rev 1
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
   2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
logo
List of Unclassifed Man...
M3912CK-3EU ETC-M3912CK-3EU Datasheet
251Kb / 2P
   Metal Halide Electronic Ballasts for 39 Watt Lamps
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com