전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ISA024V1 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STEVAL-ISA024V1
상세설명  20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA024V1 데이터시트(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA024V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA024V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STEVAL-ISA024V1
Revision history
3/4
2
Revision history
Table 1.
Document revision history
Date
Revision
Changes
02-Sep-2008
1
Initial release.


유사한 부품 번호 - STEVAL-ISA024V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
   3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
   Total maximum output power: 5.5 W
December 2007 Rev 2
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
   Flyback AC-DC converter evaluation board based on the VIPer53-E
December 2007 Rev 2
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
   Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
   Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
More results

유사한 설명 - STEVAL-ISA024V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA025V1 STMICROELECTRONICS-STEVAL-ISA025V1 Datasheet
114Kb / 4P
   Step-down DC-DC converter at 3.3 Vout/20 A and switching frequency of 400 kHz evaluation board based on L6730
STEVAL-ISA047V2 STMICROELECTRONICS-STEVAL-ISA047V2 Datasheet
219Kb / 4P
   1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03A
STEVAL-ISA042V2 STMICROELECTRONICS-STEVAL-ISA042V2 Datasheet
96Kb / 4P
   1.5 A / 3.3 V step-down DC-DC converter demonstration board based on the ST1S03
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
   1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
   2 A step-down switching demonstration board based on the L7980
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
   1 A step-down switching regulator demonstration board based on the L5981
March 2009 Rev 1
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
   0.7 A step-down switching regulator demonstration board based on the L5980
March 2009 Rev 1
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
   2 A step-down switching regulator demonstration board based on the L5985
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
   1.5 A step-down switching regulator demonstration board based on the L5983
March 2009 Rev 1
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
   3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com