전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ISB012V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ISB012V1
상세설명  Battery monitoring system demonstration board based on the STC3105
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB012V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB012V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISB012V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISB012V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 022472 Rev 1
1/6
6
STEVAL-ISB012V1
Battery monitoring system demonstration board based on
the STC3105
Features
The STC3105 device uses the Coulomb
counter method to track state-of-charge (SOC)
or to track when the battery is charging or
discharging
Accurate measurements of the battery voltage
to estimate the battery state-of-charge
Battery parameters are sent to the PC via USB
using a virtual COM port and can be observed
using HyperTerminal as well as a GUI
The board can also display parameters on the
LCD
Charging and discharging status is displayed
by the + and - sign respectively on both the
LCD and LED
The board also shows low voltage and SOC
alarms
The board can monitor a battery with a capacity
up to +/-10950 mAh
RoHS compliant
Description
The STEVAL-ISB012V1 demonstration board
provides a simple, compact solution to monitor
voltage, current, and capacity of single cell Li-Ion
batteries using the STC3105, which has a highly
efficient gas gauge.
The STEVAL-ISB012V1 demonstration board has
an internal charger in order to charge the battery
and can be powered through a USB port or by
using a DC adaptor.
www.st.com


유사한 부품 번호 - STEVAL-ISB012V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
   Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
   Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
STEVAL-ISB018V1 STMICROELECTRONICS-STEVAL-ISB018V1 Datasheet
425Kb / 4P
   Evaluation board for STCC5021 USB charging controller with attach detection
March 2014 Rev 2
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
   Evaluation board for STCC2540 USB charging controller
March 2014 Rev 2
More results

유사한 설명 - STEVAL-ISB012V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
   Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
   Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
   Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
UM1054 STMICROELECTRONICS-UM1054 Datasheet
310Kb / 10P
   STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
   NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com