전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7427236 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7427236
상세설명  WE-FLAT Flat Ferrite Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427236 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427236 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427236 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427236 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427236 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.0
1.0
REV
2012-09-18
2010-06-30
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FLAT Flat Ferrite Core
Order.- No.
7427236
SIZE
A4
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
The packaging of the product is to encase the needed humidity of the plastic housing. To ensure the humidity level, the products have to be
stored in this delivered packaging. If not, the products are losing their humidity. In this case you can re-condition the components according to
the internal standard WE1883 to ensure the necessary humidity in the plastic.
To ensure the operating mode of the product, the ambient temperature at processing (when the part will be mounted on the cable) has to be in
the range of 15 to 25 °C.
Before mounting, the part should be stored for one hour in this condition.
The responsibility for the applicability of customer specific products and the use in a particular customer design is always within the authority
of the customer. All technical specifications for standard products do also apply for customer specific products.
Direct mechanical impact to the product and the forcible closing of this shall be prevented as the ferrite material of the ferrite body or the pla-
stic housing could flake or in the worst case it could break.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-FLAT
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7427236

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427230 WURTH-7427230 Datasheet
419Kb / 4P
   WE-FLAT Flat Ferrite Core
7427231 WURTH-7427231 Datasheet
488Kb / 4P
   WE-FLAT Flat Ferrite Core
7427232 WURTH-7427232 Datasheet
430Kb / 4P
   WE-FLAT Flat Ferrite Core
More results

유사한 설명 - 7427236

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7427225 WURTH-7427225 Datasheet
459Kb / 4P
   WE-FLAT Flat Ferrite Core
7427226 WURTH-7427226 Datasheet
446Kb / 4P
   WE-FLAT Flat Ferrite Core
7427228 WURTH-7427228 Datasheet
430Kb / 4P
   WE-FLAT Flat Ferrite Core
7427230 WURTH-7427230 Datasheet
419Kb / 4P
   WE-FLAT Flat Ferrite Core
74272141 WURTH-74272141 Datasheet
444Kb / 4P
   WE-FLAT Flat Ferrite Core
7427221 WURTH-7427221 Datasheet
460Kb / 4P
   WE-FLAT Flat Ferrite Core
7427216 WURTH-7427216 Datasheet
453Kb / 4P
   WE-FLAT Flat Ferrite Core
7427222 WURTH-7427222 Datasheet
431Kb / 4P
   WE-FLAT Flat Ferrite Core
7427210 WURTH-7427210 Datasheet
424Kb / 4P
   WE-FLAT Flat Ferrite Core
7427227 WURTH-7427227 Datasheet
465Kb / 4P
   WE-FLAT Flat Ferrite Core
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com