전자부품 데이터시트 검색엔진 |
|
SMDJ11A 데이터시트(PDF) 5 Page - Littelfuse |
|
SMDJ11A 데이터시트(HTML) 5 Page - Littelfuse |
5 / 146 page 1 ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Transient Voltage Suppression Diodes Overvoltage Suppression Facts................ 2 Transient Voltage Scenarios...................... 3 TVS DiodeTerms & Definitions................. 4 TVS Diode Selection Checklist.................. 4 TVS Diode Series Data Sheet Start Page.................................. TABLE OF CONTENTS TVS Diode Products Type Surface Mount - Standard Applications (400-5000W) Series SMAJ P4SMA SACB SMBJ P6SMB 1KSMB SMCJ 1.5SMC SMDJ 5.0SMDJ Page # 713 19 23 29 35 41 45 51 57 Photo Operating Temperature -85° to +302° F (-65° to +150° C) PackageType DO-214AC DO-214AC DO-214AA DO-214AA DO-214AA DO-214AA DO-214AB DO-214AB DO-214AB DO-214AB Reverse Standoff Voltage (V R) 5.0-440 5.8-495 5.0-50 5.0-440 5.8-495 5.8-136 5.0-440 5.8-495 5.0-170 12-170 uni-directional 12-45 bi-directional Peak Pulse Power Range† (P PP) 400W 400W 500W 600W 600W 1000W 1500W 1500W 3000W 5000W Peak Pulse Current (I PP 8x20μs) Not Applicable Maximum Clamping Voltage (V C) Refer to electrical characteristics table within each series data sheet RoHS Compliant Yes Pb Lead-Free Yes Type Axial Leaded - Standard Applications (400-5000W) Axial Leaded - High Power Auto Series P4KE SA SAC P6KE 1.5KE LCE 3KP 5KP 15KPA 20KPA 30KPA AK6 AK10 SLD Page # 63 69 75 79 85 91 97 103 109 115 121 127 131 135 Photo Operating Temperature -85° to +302° F (-65° to +150° C) -67° to +347° F (-55° to +175° C) -85° to +302° F (-65° to +150° C) PackageType DO-41 DO-15 DO-15 DO-15 DO-201 DO-201 P600 P600 P600 P600 P600 Radial Lead Radial Lead P600 Reverse Standoff Voltage (V R) 5.8-495 5.0-180 5.0-50 5.8-512 5.8-495 6.5-90 5.0-220 5.0-250 17-280 20.0-300 28.0-288 58-430 58-430 10-24 Peak Pulse Power Range† (P PP) 400W 500W 500W 600W 1500W 1500W 3000W 5000W 15000W 20000W 30000W NA NA 2200 based on 1μs/150ms pulse Peak Pulse Current (I PP 8x20μs) Not Applicable 6000A 10000A NA Maximum Clamping Voltage (V C) Refer to electrical characteristics table within each series data sheet RoHS Compliant Yes Pb Lead-Free Yes † based on 10/1000μs pulse unless stated otherwise |
유사한 부품 번호 - SMDJ11A |
|
유사한 설명 - SMDJ11A |