전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS3212EUA 데이터시트(PDF) 3 Page - SEC Electronics Inc.

부품명 SS3212EUA
상세설명  CMOS Omnipolar High Sensitivity Micropower Hall Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3212EUA 데이터시트(HTML) 3 Page - SEC Electronics Inc.

  SS3212EUA Datasheet HTML 1Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 2Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 3Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 4Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 5Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 6Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 7Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 8Page - SEC Electronics Inc. SS3212EUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SS3212
CMOS Omnipolar High Sensitivity Micropower Hall Switch
3
V2.00
May 1, 2012
Pins Definition and Description
Internal Timing Circuit
SOT Pin №
SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Current
Period
Iaw
Sample &
Output Latched
Iav
Isp
Awake Taw:175μs
Sleep Tsl:70ms
0
Time


유사한 부품 번호 - SS3212EUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS3212EUA SECELECTRONICS-SS3212EUA Datasheet
261Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

유사한 설명 - SS3212EUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com