전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS4913KSOT 데이터시트(PDF) 1 Page - SEC Electronics Inc.

부품명 SS4913KSOT
상세설명  CMOS Omnipolar High Sensitivity Micropower Hall Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4913KSOT 데이터시트(HTML) 1 Page - SEC Electronics Inc.

  SS4913KSOT Datasheet HTML 1Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 2Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 3Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 4Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 5Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 6Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 7Page - SEC Electronics Inc. SS4913KSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS4913
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V2.00
Mayr 1, 2012
Features
Micropower consumption for battery powered applications
Omnipolar, output switches with absolute value of North or South pole from magnet
Operation down to 2.5V
High sensitivity for direct reed switch replacement applications
3 pin SOT23 (suffix SO)
General Description:
The SS4913 Omnipolar Hall effect sensor IC is fabricated
from mixed signal CMOS technology .It incorporates
advanced chopper-stabilization techniques to provide accurate
and stable magnetic switch points.
The circuit design provides an internally controlled clocking
mechanism to cycle power to the Hall element and analog
signal processing circuits. This serves to place the high
current-consuming portions of the circuit into a “Sleep” mode.
Periodically the device is “Awakened” by this internal logic
and the magnetic flux from the Hall element is evaluated
against the predefined thresholds. If the flux density is above
or below the Bop/Brp thresholds then the output transistor is
driven to change states accordingly. While in the “Sleep” cycle
the output transistor is latched in its previous state. The design
has been optimized for service in applications requiring
extended operating lifetime in battery powered systems.
The output transistor of the SS4913 will be latched on (Bop) in
the presence of a sufficiently strong South or North magnetic
field facing the marked side of the package. The output will be
latched off (Brp) in the absence of a magnetic field.
Applications
Solid state switch
Handheld Wireless Handset Awake Switch
Lid close sensor for battery powered devices
Magnet proximity sensor for reed switch replacement in low duty cycle applications


유사한 부품 번호 - SS4913KSOT

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS4913KSOT SECELECTRONICS-SS4913KSOT Datasheet
310Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

유사한 설명 - SS4913KSOT

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com