전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS5782LUA 데이터시트(PDF) 9 Page - SEC Electronics Inc.

부품명 SS5782LUA
상세설명  Unipolar Hall Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5782LUA 데이터시트(HTML) 9 Page - SEC Electronics Inc.

  SS5782LUA Datasheet HTML 1Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 2Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 3Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 4Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 5Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 6Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 7Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 8Page - SEC Electronics Inc. SS5782LUA Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SS5782
Unipolar Hall Switch
9
V2.00 May 1, 2012
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS5782ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS5782EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS5782KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS5782KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS5782LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS5782LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
 


유사한 부품 번호 - SS5782LUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS5782LUA SECELECTRONICS-SS5782LUA Datasheet
253Kb / 8P
   Unipolar Hall Switch
Nov 1, 2013
More results

유사한 설명 - SS5782LUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109_14 Datasheet
203Kb / 5P
   Unipolar Hall Switch
SS1438 SECELECTRONICS-SS1438 Datasheet
248Kb / 8P
   Unipolar Hall Switch
SS5682_1311 SECELECTRONICS-SS5682_1311 Datasheet
260Kb / 8P
   Unipolar Hall Switch
SS109_1311 SECELECTRONICS-SS109_1311 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS1352 SECELECTRONICS-SS1352 Datasheet
258Kb / 8P
   Unipolar Hall Switch
SS109 SECELECTRONICS-SS109 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS5682 SECELECTRONICS-SS5682 Datasheet
243Kb / 9P
   Unipolar Hall Switch
logo
Major-Power Technology ...
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com