전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS732KUA 데이터시트(PDF) 1 Page - SEC Electronics Inc.

부품명 SS732KUA
상세설명  Hall Latch - High Sensitivity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732KUA 데이터시트(HTML) 1 Page - SEC Electronics Inc.

  SS732KUA Datasheet HTML 1Page - SEC Electronics Inc. SS732KUA Datasheet HTML 2Page - SEC Electronics Inc. SS732KUA Datasheet HTML 3Page - SEC Electronics Inc. SS732KUA Datasheet HTML 4Page - SEC Electronics Inc. SS732KUA Datasheet HTML 5Page - SEC Electronics Inc. SS732KUA Datasheet HTML 6Page - SEC Electronics Inc. SS732KUA Datasheet HTML 7Page - SEC Electronics Inc. SS732KUA Datasheet HTML 8Page - SEC Electronics Inc. SS732KUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
eatures and Benefits
5V to 24V
rpose
F
Application Examples
Automotive, Consumer and Industrial
Solid-state switch
Brushless DC motor commutation
Speed detection
Linear position detection
Angular position detection
Proximity detection
 
Wide operating voltage range from 2.
High magnetic sensitivity – Multi-pu
CMOS technology
Chopper-stabilized amplifier stage
stability
Superior temperature
Extremely low switchpoint drift
Insensitive to physical stress
Low current consumption
Output driver with internal pull-up resistor
Tiny SOT23 3L or flat SIP 3L
both RoHS Compliant packages
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
 
VDD
                                                            
1
V2.00
May.1, 2012
OUT
Voltage
Regulatr
Chopper
Hall
Plate
GND
Rpu
UA P
SO Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2
Pin 3 – OUT
Pin 3
ackage
– OUT
– GND


유사한 부품 번호 - SS732KUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS732KUA SECELECTRONICS-SS732KUA Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
More results

유사한 설명 - SS732KUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com