전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAS100H12AM1 데이터시트(PDF) 6 Page - Cree, Inc

부품명 CAS100H12AM1
상세설명  1200V, 100A Silicon Carbide Half-Bridge Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CAS100H12AM1 데이터시트(HTML) 6 Page - Cree, Inc

  CAS100H12AM1 Datasheet HTML 1Page - Cree, Inc CAS100H12AM1 Datasheet HTML 2Page - Cree, Inc CAS100H12AM1 Datasheet HTML 3Page - Cree, Inc CAS100H12AM1 Datasheet HTML 4Page - Cree, Inc CAS100H12AM1 Datasheet HTML 5Page - Cree, Inc CAS100H12AM1 Datasheet HTML 6Page - Cree, Inc CAS100H12AM1 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
CAS100H12AM1, Rev. -
Package Dimensions (mm)


유사한 부품 번호 - CAS100H12AM1

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
More results

유사한 설명 - CAS100H12AM1

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
logo
Anaren Microwave
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
   1200V/100A SiC HALF BRIDGE PEM
logo
General Electric Compan...
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
   1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
Nihon Inter Electronics...
PBMB100B12 NIEC-PBMB100B12 Datasheet
119Kb / 3P
   IGBT MODULE H-Bridge 100A 1200V
logo
WOLFSPEED, INC.
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
   1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
   1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
   1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com