전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G06SE-7 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 74AUP1G06SE-7
상세설명  SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G06SE-7 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G06SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AUP1G06
Document number: DS35148 Rev. 1- 2
6 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G06
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
12.8
ns
1.2V ± 0.1V
2.0
4.3
9.9
2
10.9
2
12
1.5V ± 0.1V
1.5
3.1
6.1
1.5
7.1
1.5
7.8
1.8V ± 0.15V
1.2
2.8
4.7
1.2
5.7
1.2
6.3
2.5V ± 0.2V
1
2.2
3.2
1
3.9
1
4.3
3.3V ± 0.3V
0.8
2.2
3.3
0.8
3.6
0.8
4
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
15.8
ns
1.2V ± 0.1V
2.5
5.4
11.2
2.5
13.2
2.5
15
1.5V ± 0.1V
2
3.9
7
2
8.5
2
9.4
1.8V ± 0.15V
1.7
3.6
5.4
1.7
6.7
1.7
7.4
2.5V ± 0.2V
1.4
2.9
3.8
1.4
4.5
1.4
5
3.3V ± 0.3V
1.2
3.2
4.6
1.2
4.9
1.2
5.4
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
18.8
ns
1.2V ± 0.1V
2.9
6.4
12.2
2.9
15.2
2.9
17
1.5V ± 0.1V
2.3
4.6
7.7
2.3
9.4
2.3
10
1.8V ± 0.15V
2.1
4.5
6.6
2.1
7.3
2.1
8.1
2.5V ± 0.2V
1.7
3.5
4.6
1.7
5.1
1.7
5.7
3.3V ± 0.3V
1.5
4
6
1.5
6.5
1.5
7.2
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8 V
27.8
ns
1.2V ± 0.1V
3.9
9.3
16.5
3.9
19.3
3.9
21.3
1.5V ± 0.1V
3.2
6.8
10.1
3.2
12
3.2
13.2
1.8 V ± 0.15V
2.9
6.8
10.7
2.9
11
2.9
12.1
2.5V ± 0.2V
2.5
5.3
7.2
2.5
7.8
2.5
8.6
3.3V ± 0.3V
2.3
6.5
10.5
2.3
10.8
2.3
11.9


유사한 부품 번호 - 74AUP1G06SE-7

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06GF PHILIPS-74AUP1G06GF Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
More results

유사한 설명 - 74AUP1G06SE-7

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
   Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06_15 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com